last updated:august 23, 2007 dialight blp reserve the right to change without prior notice the information contained within this leaflet dialight blp ltd., exning road, newmarket, suffolk, cb8 0ax, england tel: +44 (0 )1638 665161 fax: +44 (0)1638 660718 email: sales@blpcomp.com http://www.blpcomp.com design facilitates use for size 00 fuse links. this is a rugged fuseholder and was specially designed for services use with heavy duty (high rupturing capacity) fuse links. it is not suitable for use with glass cartridge fuse links current rating: 2a (temperature rise to 40 c temperature range: -55 c to +70 c (ambient) breakdown voltage: 9kv (sea level) insertion resistance 5 milliohms (average) insulation resistance 3 3 100 megohms panel thickness (max): 3.8mm fixing torque: 0.62 nm humidity: h5 material: moulding, phenolic weight: 13.7g approvals: conforms to def 59-100 ordering reference: L675 L675 panel fuseholder barrier & panel sealed
|